Part Number Hot Search : 
EE08489 T114033 SBT607 SMBJ110 TISP4070 R325CH02 BZX79C27 CLV0950E
Product Description
Full Text Search
 

To Download Q62705-K191 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Piezoresistive Relative Pressure Sensor
KPY 51-RK KPY 57-RK
Features Low pressure and temperature hysteresis Fast response High sensitivity and linearity Fatigue free monocrystaline silicon diaphragm giving high load cycle stability * High long term stability * Built in silicon temperature sensor * Provided for further fabrication, protection cap * * * *
TO-8-6
Type and Marking KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Pin Configuration 1 2 3 4 5 6 7 8
Symbol
Pressure Range 0 ... 0.25 0 ... 0.6 0 ... 1.6 0...4 0 ... 10 0 ... 25 0 ... 60
Unit bar
Ordering Code Q62705-K189 Q62705-K190 Q62705-K191 Q62705-K193 Q62705-K195 Q62705-K197 Q62705-K199
P0 ... PN
Capillary tube + VIN - VOUT Temperature sensor (typ. R25 = 2 k) Temperature sensor - VIN + VOUT Not connected
Semiconductor Group
1
02.97
KPY 51-RK KPY 57-RK
Absolute Maximum Ratings Parameter Pressure overload KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Operating temperature range Storage temperature range Supply voltage Symbol Limit Values1) Frontside Rearside Unit bar 2 6 10 16 30 75 100 2 6 10 16 30 40 70 - 40 ... + 125 - 50 ... + 150 12 C C V
PMAX
TA Tstg VIN
1) Frontside coupling applies pressure onto chip face. Rearside coupling applies pressure through Kovar centre tube.
Electrical Characteristics at TA = 25 C and VIN = 5 V, unless otherwise specified. Parameter Bridge resistance Sensitivity KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Output voltage KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Symbol min. Limit Values typ. - 24.0 15.0 8.8 6.0 2.6 1.2 0.67 30 45 70 120 130 150 200 max. 8 32.0 24.0 12.5 9.0 4.0 2.0 1.0 40 72 100 180 200 250 300 k mV/ Vbar 4 16.8 11.0 5.6 4.0 1.8 0.88 0.47 Unit
RB s
Vfin
21 33 45 80 90 110 140
mV
Semiconductor Group
2
KPY 51-RK KPY 57-RK
Electrical Characteristics (cont'd) at TA = 25 C and VIN = 5 V, unless otherwise specified. Parameter Offset voltage P = P0 Linearity error (Best fit straight line) P0 = P0 ... PN KPY 51 ... 55 RK KPY 56/57 RK Pressure hysteresis PH P1 = P0, P2 = PN, P3 = P0 KPY 51 ... 57 RK Symbol min. Limit Values typ. - max. mV - 25 + 25 % Vfin - - - 0.15 0.35 0.15 - 0.1 - % Vfin Unit
V0 FL
Electrical Characteristics at T1 = 25 C, T2 = 125 C, T3 = 25 C and VIN = 5 V, unless otherwise specified. Parameter Temperature coefficient of Vfin KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Temperature coefficient of V0 KPY 51 RK KPY 52 RK KPY 53 RK KPY 54 RK KPY 55 RK KPY 56 RK KPY 57 RK Temperature coefficient of RB KPY 51 ... 57 RK Symbol min. Limit Values typ. - 0.13 - 0.15 - 0.16 - 0.17 - 0.17 - 0.17 - 0.17 - - - - - - - + 0.095 max. %/K - 0.19 - 0.19 - 0.19 - 0.19 - 0.19 - 0.19 - 0.19 - 0.09 - 0.12 - 0.13 - 0.14 - 0.14 - 0.15 - 0.15 %/K - 0.05 - 0.05 - 0.03 - 0.03 - 0.03 - 0.03 - 0.01 + 0.05 + 0.05 + 0.03 + 0.03 + 0.03 + 0.03 + 0.01 %/K - - Unit
TCVfin
TCV0
TCRB
Semiconductor Group
3
KPY 51-RK KPY 57-RK
Electrical Characteristics (cont'd) at T1 = 25 C, T2 = 125 C, T3 = 25 C and VIN = 5 V, unless otherwise specified. Parameter Temperature hysteresis of V0; Vfin KPY 51 RK KPY 52 RK KPY 53 ... 57 RK Package Outline TO-8-6 Symbol min. Limit Values typ. max. % v. Unit
TH
- 0.7 - 0.5 - 0.3 - - - + 0.7 + 0.5 + 0.3
Vfin
Weight approx. 4.5 g
Dimension in mm
Exterior Packaging I.e. tubes, trays, boxes are shown in our Data Book "Package Information". Semiconductor Group 4


▲Up To Search▲   

 
Price & Availability of Q62705-K191

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X